PART |
Description |
Maker |
SRD00315X SRD00314A SRD00314 SRD00314G SRD00314X S |
Ternary PIN Photodiode with Blocking Filter for 3rd Window 三元PIN光电二极管与第三窗口拦截 Ternary PIN Photodiode with Blocking Filter for 3 rd Window From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
EDGE647 E647ATF EVM647ATF E647-EDGE647 |
Pin Electronics Driver. Window Comparator. and Switch Matrix 引脚电子驱动程序。窗口比较器。和开关矩 Pin Electronics Driver/ Window Comparator/ and Switch Matrix Pin Electronics Driver, Window Comparator, and Switch Matrix
|
SEMTECH[Semtech Corporation]
|
MAX6754UKLD0-T MAX6755UKLD0-T MAX6756UKLD0-T MAX67 |
Vcc: 5.0 V, active timeout period: 0.02 ms, low-power single/dual-voltage window detector Vcc: 3.0 V, active timeout period:0.02 ms, low-power single/dual-voltage window detector Vcc: 5.0 V, active timeout period: 100 ms-320 ms, low-power, single/dual-voltage window detector Vcc: 5.0 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 2.5 V, Vcc:1.8 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 3.3 V, Vcc: 1.8 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 3.3 V, active timeout period:0.02 ms, low-power single/dual-voltage window detector Vcc: 3.3 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 1.8 V, active timeout period:0.02 ms, low-power single/dual-voltage window detector Vcc: 3.0 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 1.8 V, Vcc:adj, active timeout period:185 ms, low-power single/dual-voltage window detector
|
MAXIM - Dallas Semiconductor
|
CLT130W CLT131W CLT132W |
Phototransistor, Flat window TO-18
|
Clairex Technologies
|
FFC-AHH12B1 FFC-AHH11B1 FFC-AEH11B1 FFC-AKS02B1 FF |
Fused Coupler,Two Window
|
JDS Uniphase Corporation
|
U5021M U5021M-NFP |
DIGITAL WINDOW WATCHDOG TIMER
|
ATMEL[ATMEL Corporation]
|
AD53042 AD53042KRP |
High Speed Window Comparator
|
AD[Analog Devices]
|
0191990007 CD81000 WA-840 |
Butt - Window Splice for 18-22 AWG Wire
|
Molex Electronics Ltd.
|
VWJ1076 |
J-Band high power quartz window
|
Communications & Power ...
|
131244 |
GaAs LED CHIPS WITH gAaIaS WINDOW - LAYER
|
ETC
|
EL5287C EL5287CY EL5287CY-T13 |
Dual and Window 4ns High-Speed Comparators
|
Elantec Semiconductor
|